Part Number Hot Search : 
AD160MD5 LTXIT CMD41H2 SDB0900S MK11G2 10N120 MC74005N SL1200
Product Description
Full Text Search
 

To Download S2ASR1202TFB2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .050" [1.27] SCSI II/III
Adam Technologies, Inc.
RIGHT ANGLE AND VERTICAL PCB MOUNT
S2A SERIES
INTRODUCTION: Adam Tech right angle PCB SCSI II / III connectors are a popular high density interface for many I/O applications requiring a miniature connector. Offered in 20, 26, 28, 40, 50, 68, 80, 100 and 120 positions they are a good choice for high density compact applications. They feature a flat leaf and fork contact design and a one touch, locking receptacle/plug combination. These connectors are manufactured with precision stamped contacts offering a choice of contact plating and a wide selection of mating and mounting options. They are ideal for most compact electronic applications. FEATURES: Conforms to SCSI II standards One touch Locking Receptacle and Plug Blade contact with Blanked terminal Industry standard compatibility Durable metal shell design Precision formed contacts Variety of Mating and mounting options MATING CONNECTORS: Adam Tech SCSI II / III connectors and all industry standard SCSI II / III connectors. SPECIFICATIONS: Material: Standard insulator: PBT, Glass filled, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T UL94V-0 Insulator Color: Black Contacts: Phosphor Bronze Metal backshell: Zinc, Nickel Plated Contact Plating: Gold Flash over nickel underplate on mating area, Tin over Copper underplate on tails Electrical: Operating Voltage: 250V AC Current Rating: 1 Amp max. Contact Resistance: 35 m max. initial Insulation Resistance: 500 M min. Dielectric Withstanding Voltage: 500V AC for 1 minute Mechanical: Insertion force: 5.3 oz max. Withdrawal force: 1.0 oz min. Durability: 100 cycles Temperature Rating: Operating Temperature: -55C to +105C Soldering proces temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
ORDERING INFORMATION S2A SR 68 2 BL 2
THREADED MOUNTING HOLES 1 = #4-40 threaded holes 2 = #2-56 threaded holes
SERIES INDICATOR S2A = SCSI II/III .050" Connector
POSITIONS 20, 26, 28, 40, 50, 60, 68, 80, 100, 120
MOUNTING ANGLE SR = Socket, Right Angle Mount SV = Socket, Vertical Mount
BOARD MOUNTING OPTIONS TFA = Flange with #4-40 threaded holes TFB = Flange with #2-56 threaded holes TFC = .125 Dia. thru-holes BL = Board locks (Right angle only)
MATING FACE MOUNTING OPTIONS 2 = Without latch blocks 3 = With latch blocks
HI-TEMP
INSULATOR
AVA I L A B L E
Pb
(R)
(R)
UL
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
OPTIONS: Add designator(s) to end of part number HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C
114
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of S2ASR1202TFB2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X